| Moteur de recherche de fiches techniques de composants électroniques |
|
SSC7102 Fiches technique(PDF) 1 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SSC7102 Fiches technique(HTML) 1 Page - Microchip Technology |
|
1 / 7 page ![]() 2013 - 2014 Microchip Technology Inc. DS00001657B-page 1 Sensor Fusion Firmware • Sensor fusion firmware is licensed from Bosch. Features include: - Self-contained 9-axis sensor fusion - Sensor data pass-through - Fast in-use background calibration of all sen- sors and calibration monitor - Magnetic immunity: Enhanced magnetic dis- tortion, detection and suppression - Gyroscope drift cancellation - Supports higher output data rate (ODR) of Accelerometer and Gyroscope and supports up to 100Hz Fusion data - Fully Certified for Windows 8 and 8.1 • Supported sensors are: - Bosch BMC150 Geomagnetic Sensor/Accel- erometer - Bosch BMG160 Gyroscope SSC7102 Bosch Sensor Fusion Firmware Addendum |
Numéro de pièce similaire - SSC7102 |
|
Description similaire - SSC7102 |