Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAP1298 Fiches technique(PDF) 6 Page - Microchip Technology

No de pièce CAP1298
Description  8-Channel Capacitive Touch Sensor Controller with Proximity Detection & Signal Guard
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1298 Fiches technique(HTML) 6 Page - Microchip Technology

Back Button CAP1298 Datasheet HTML 2Page - Microchip Technology CAP1298 Datasheet HTML 3Page - Microchip Technology CAP1298 Datasheet HTML 4Page - Microchip Technology CAP1298 Datasheet HTML 5Page - Microchip Technology CAP1298 Datasheet HTML 6Page - Microchip Technology CAP1298 Datasheet HTML 7Page - Microchip Technology CAP1298 Datasheet HTML 8Page - Microchip Technology CAP1298 Datasheet HTML 9Page - Microchip Technology CAP1298 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
CAP1298
DS00001571B-page 6
 2013-2015 Microchip Technology Inc.
APPLICATION NOTE: All digital pins are 5V tolerant pins.
The pin types are described in Table 1-2, "Pin Types".
11
11
CS6
Capacitive Touch Sensor Input 6
AIO
Connect to
Ground
12
12
CS5 / SG
CS5 - Capacitive Touch Sensor Input 5
AIO
Connect to
Ground
SG - Signal Guard Output
AIO
Leave Open
13
13
CS4
Capacitive Touch Sensor Input 4
AIO
Connect to
Ground
14
14
CS3
Capacitive Touch Sensor Input 3
AIO
Connect to
Ground
15
1
CS2
Capacitive Touch Sensor Input 2
AIO
Connect to
Ground
16
2
CS1
Capacitive Touch Sensor Input 1
AIO
Connect to
Ground
Bottom
pad
-
Exposed
pad
Not internally connected, but recommend
grounding
--
TABLE 1-2:
PIN TYPES
Pin Type
Description
Power
This pin is used to supply power or ground to the device.
DI
Digital Input - This pin is used as a digital input. This pin is 5V tolerant.
AIO
Analog Input / Output - This pin is used as an I/O for analog signals.
DIOD
Digital Input / Open Drain Output - This pin is used as a digital I/O. When it is used as an
output, it is open drain and requires a pull-up resistor. This pin is 5V tolerant.
OD
Open Drain Digital Output - This pin is used as a digital output. It is open drain and requires
a pull-up resistor. This pin is 5V tolerant.
TABLE 1-1:
PIN DESCRIPTION FOR CAP1298 (CONTINUED)
QFN Pin
#
SOIC Pin #
Pin Name
Pin Function
Pin Type
Unused
Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com