Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAP1298 Fiches technique(PDF) 53 Page - Microchip Technology

No de pièce CAP1298
Description  8-Channel Capacitive Touch Sensor Controller with Proximity Detection & Signal Guard
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1298 Fiches technique(HTML) 53 Page - Microchip Technology

Back Button CAP1298 Datasheet HTML 49Page - Microchip Technology CAP1298 Datasheet HTML 50Page - Microchip Technology CAP1298 Datasheet HTML 51Page - Microchip Technology CAP1298 Datasheet HTML 52Page - Microchip Technology CAP1298 Datasheet HTML 53Page - Microchip Technology CAP1298 Datasheet HTML 54Page - Microchip Technology CAP1298 Datasheet HTML 55Page - Microchip Technology CAP1298 Datasheet HTML 56Page - Microchip Technology CAP1298 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 68 page
background image
 2013-2015 Microchip Technology Inc.
DS00001571B-page 53
CAP1298
The Product ID register stores a unique 8-bit value that identifies the device.
5.31
Manufacturer ID Register
The Vendor ID register stores an 8-bit value that represents MCHP.
5.32
Revision Register
The Revision register stores an 8-bit value that represents the part revision.
TABLE 5-21:
VENDOR ID REGISTER
Addr
R/W
Register
B7B6
B5B4B3B2B1B0
Default
FEh
R
Manufacturer ID
01
011101
5Dh
TABLE 5-22:
REVISION REGISTER
Addr
R/W
Register
B7B6B5B4B3B2B1
B0
Default
FFh
R
Revision
00000000
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68