Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RN2483 Fiches technique(PDF) 17 Page - Microchip Technology

No de pièce RN2483
Description  RN2483 LoRa??Technology PICtail??PICtail Plus Daughter Board
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN2483 Fiches technique(HTML) 17 Page - Microchip Technology

Back Button RN2483 Datasheet HTML 13Page - Microchip Technology RN2483 Datasheet HTML 14Page - Microchip Technology RN2483 Datasheet HTML 15Page - Microchip Technology RN2483 Datasheet HTML 16Page - Microchip Technology RN2483 Datasheet HTML 17Page - Microchip Technology RN2483 Datasheet HTML 18Page - Microchip Technology RN2483 Datasheet HTML 19Page - Microchip Technology RN2483 Datasheet HTML 20Page - Microchip Technology RN2483 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Getting Started
 2015 Microchip Technology Inc.
Advance Information
DS50002366A-page 17
Table 2-1 shows the PICtail/PICtail Plus connections to various boards.
TABLE 2-1:
PICtail™ AND PICtail PLUS CONNECTIONS
Signal Name
Description
Pin number on PICtail
connector
Pin number on PICtail
Plus connector
+3V3
Positive Supply Rail
26
21, 22
GND
Ground Supply Rail
28
9, 10, 16
Module_TX
UART transmit output of the module
21
2
Module_RX
UART receive input of the module
17
4
Module_RTS
UART Hardware handshake output of
the module(1)
419
Module_CTS
UART Hardware handshake input of the
module(1)
320
PT_Module_RESET
Master Clear input of the module
1
6
PT+_SENSE
Sensing signal for PICtail Plus connector
(the platform connects this line to GND
when plugged)
—15
Note 1: Optional handshake lines are supported in future firmware releases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25