Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RN2483 Fiches technique(PDF) 12 Page - Microchip Technology

No de pièce RN2483
Description  RN2483 LoRa??Technology PICtail??PICtail Plus Daughter Board
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN2483 Fiches technique(HTML) 12 Page - Microchip Technology

Back Button RN2483 Datasheet HTML 8Page - Microchip Technology RN2483 Datasheet HTML 9Page - Microchip Technology RN2483 Datasheet HTML 10Page - Microchip Technology RN2483 Datasheet HTML 11Page - Microchip Technology RN2483 Datasheet HTML 12Page - Microchip Technology RN2483 Datasheet HTML 13Page - Microchip Technology RN2483 Datasheet HTML 14Page - Microchip Technology RN2483 Datasheet HTML 15Page - Microchip Technology RN2483 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
RN2483 LoRa™ Technology PICtail™/PICtail Plus Daughter Board User’s Guide
DS50002366A-page 12
Advance Information
 2015 Microchip Technology Inc.
FIGURE 1-1:
RN2483 LORA™ TECHNOLOGY PICtail™/PICtail PLUS
DAUGHTER BOARD
The high-speed UART interface and the GPIO ports are available on the module to
configure, control, and transfer data. The RN2483 LoRa Technology PICtail/PICtail
Plus Daughter Board has PICtail and PICtail Plus connectors to interface with a PIC®
microcontroller (MCU) on the development boards that support PICtail or PICtail Plus
interface with the required pin mapping. The PICtail board also has an on-board PIC18
MCU available for custom user functions. It is preprogrammed to provide a simple
USB-to-UART serial bridge enabling easy serial connection.
Demonstration of the RN2483 is performed by plugging the daughter board into a USB
port of a PC. The USB port powers the daughter board and enables the user to
communicate using the RN2483’s ASCII commands.
Development of the RN2483 with Microchip’s PIC MCU line is possible via the 28-pin
PICtail connector to a PIC18 Explorer or 30-pin card edge PICtail Plus connector to an
Explorer 16.
2
1
4
5
6
9
3
4
8
7
12
11
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25