Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MM7150 Fiches technique(PDF) 14 Page - Microchip Technology

No de pièce MM7150
Description  High Performance 32-bit Embedded Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MM7150 Fiches technique(HTML) 14 Page - Microchip Technology

Back Button MM7150 Datasheet HTML 10Page - Microchip Technology MM7150 Datasheet HTML 11Page - Microchip Technology MM7150 Datasheet HTML 12Page - Microchip Technology MM7150 Datasheet HTML 13Page - Microchip Technology MM7150 Datasheet HTML 14Page - Microchip Technology MM7150 Datasheet HTML 15Page - Microchip Technology MM7150 Datasheet HTML 16Page - Microchip Technology MM7150 Datasheet HTML 17Page - Microchip Technology MM7150 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
MM7150
DS00001888A-page 14
 2015 Microchip Technology Inc.
6.0
MM7150 REFERENCES
1.
USB-Sig, “Device Class Definition for Human Interface Devices (HID). Firmware Specification”, Version 1.11,
6/27/01
2.
USB-Sig, “HID Usage Table Sensor Page”, Request HUTRR39, http://www.usb.org/developers/hid-
page/HUTRR39b.pdf
3.
Microsoft Corporation, “HID Over I2C Protocol Specification: Device Side”, version 1.00, 04/24/2012
4.
NXP Corporation, “I2C-bus Specification and User Manual”, Rev. 6, 04/04/2014
5.
Microchip Technology Inc., “MM7150 Motion Module User's Guide”, 2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28