Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MM7150 Fiches technique(PDF) 9 Page - Microchip Technology

No de pièce MM7150
Description  High Performance 32-bit Embedded Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MM7150 Fiches technique(HTML) 9 Page - Microchip Technology

Back Button MM7150 Datasheet HTML 5Page - Microchip Technology MM7150 Datasheet HTML 6Page - Microchip Technology MM7150 Datasheet HTML 7Page - Microchip Technology MM7150 Datasheet HTML 8Page - Microchip Technology MM7150 Datasheet HTML 9Page - Microchip Technology MM7150 Datasheet HTML 10Page - Microchip Technology MM7150 Datasheet HTML 11Page - Microchip Technology MM7150 Datasheet HTML 12Page - Microchip Technology MM7150 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
 2015 Microchip Technology Inc.
DS00001888A-page 9
MM7150
The Report descriptor is unlike other descriptors in that it is not simply a table of values. The length and content of a
Report descriptor vary depending on the number of data fields required for the device’s report or reports. The Report
descriptor is made up of items that provide information about the device.
The HID report for each sensor has two sections Feature Report and Input Report. The feature report for all the sen-
sors is same. The following sections describe the Feature Report and all Input Reports returned by the Motion Module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28