| Moteur de recherche de fiches techniques de composants électroniques |
|
EM3596-RTR Fiches technique(PDF) 44 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM3596-RTR Fiches technique(HTML) 44 Page - Silicon Laboratories |
|
44 / 59 page ![]() EM359x 44 Rev 1.0 28 PA2 I/O Digital I/O TIM2C4 (see also Pin 24) O Timer 2 channel 4 output Disable remap with TIM2_OR[7] Enable timer output in TIM2_CCER Select alternate output function with GPIO_PACFGL[11:8] TIM2C4 (see also Pin 24) I Timer 2 channel 4 input Disable remap with TIM2_OR[7] SC2SCL I/O TWI clock of Serial Controller 2 Either disable timer output in TIM2_CCER, or enable remap with TIM2_OR[7] Select TWI with SC2_MODE Select alternate open-drain output function with GPIO_PACFGL[11:8] SC2SCLK O SPI master clock of Serial Controller 2 Either disable timer output in TIM2_CCER, or enable remap with TIM2_OR[7] Enable master with SC2_SPICFG[4] Select SPI with SC2_MODE Select alternate output function with GPIO_PACFGL[11:8] SC2SCLK I SPI slave clock of Serial Controller 2 Enable slave with SC2_SPICFG[4] Select SPI with SC2_MODE 29 PA3 I/O Digital I/O SC2nSSEL I SPI slave select of Serial Controller 2 Enable slave with SC2_SPICFG[4] Select SPI with SC2_MODE TIM2C2 (see also Pin 38) O Timer 2 channel 2 output Disable remap with TIM2_OR[5] Enable timer output in TIM2_CCER Select alternate output function with GPIO_PACFGL[15:12] TIM2C2 (see also Pin 38) I Timer 2 channel 2 input Disable remap with TIM2_OR[5] Table 6.1. EM359x Pin Descriptions (Continued) Pin # Signal Direction Description Note: 1. IRQC and IRQD external interrupts can be mapped to any digital I/O pin using the GPIO_IRQCSEL and GPIO_IRQDSEL registers. |