Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM3595-RTR Fiches technique(PDF) 42 Page - Silicon Laboratories

No de pièce EM3595-RTR
Description  High-Performance, Integrated ZigBee
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3595-RTR Fiches technique(HTML) 42 Page - Silicon Laboratories

Back Button EM3595-RTR Datasheet HTML 38Page - Silicon Laboratories EM3595-RTR Datasheet HTML 39Page - Silicon Laboratories EM3595-RTR Datasheet HTML 40Page - Silicon Laboratories EM3595-RTR Datasheet HTML 41Page - Silicon Laboratories EM3595-RTR Datasheet HTML 42Page - Silicon Laboratories EM3595-RTR Datasheet HTML 43Page - Silicon Laboratories EM3595-RTR Datasheet HTML 44Page - Silicon Laboratories EM3595-RTR Datasheet HTML 45Page - Silicon Laboratories EM3595-RTR Datasheet HTML 46Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 59 page
background image
EM359x
42
Rev 1.0
25
PA0
I/O
Digital I/O
USBDM (where
applicable)
I/O
USB D- signal
Select analog function with GPIO_PACFGL[3:0]
TIM2C1
(see also Pin 35)
O
Timer 2 channel 1 output
Disable remap with TIM2_OR[4]
Enable timer output in TIM2_CCER
Select alternate output function with GPIO_PACFGL[3:0]
TIM2C1
(see also Pin 35)
I
Timer 2 channel 1 input
Disable remap with TIM2_OR[4]
SC2MOSI
O
SPI master data out of Serial Controller 2
Either disable timer output in TIM2_CCER,
or enable remap with TIM2_OR[4]
Enable master with SC2_SPICFG[4]
Select SPI with SC2_MODE
Select alternate output function with GPIO_PACFGL[3:0]
SC2MOSI
I
SPI slave data in of Serial Controller 2
Enable slave with SC2_SPICFG[4]
Select SPI with SC2_MODE
Table 6.1. EM359x Pin Descriptions (Continued)
Pin #
Signal
Direction
Description
Note:
1.
IRQC and IRQD external interrupts can be mapped to any digital I/O pin using the GPIO_IRQCSEL and
GPIO_IRQDSEL registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59