| Moteur de recherche de fiches techniques de composants électroniques |
|
EM3595-RTR Fiches technique(PDF) 40 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM3595-RTR Fiches technique(HTML) 40 Page - Silicon Laboratories |
|
40 / 59 page ![]() EM359x 40 Rev 1.0 21 PD2 I/O Digital I/O SC3MISO I SPI master data in of Serial Controller 3 Select SPI with SC3_MODE Select master with SC3_SPICFG SC3MOSI I SPI slave data in of Serial Controller 3 Select SPI with SC3_MODE Select slave with SC3_SPICFG SC3SCL I/O TWI clock of Serial Controller 3 Select TWI with SC3_MODE Select alternate open-drain output function with GPIO_PDCFGL[11:8] SC3RXD I UART receive data of Serial Controller 3 Select UART with SC3_MODE 22 PD3 I/O Digital I/O SC3nCTS I UART CTS handshake of Serial Controller 3 Enable with SC3_UARTCFG[5] Select UART with SC3_MODE SC3SCLK O SPI master clock of Serial Controller 3 Enable master with SC3_SPICFG[4] Select SPI with SC3_MODE Select alternate output function with GPIO_PDCFGL[15:12] SC3SCLK I SPI slave clock of Serial Controller 3 Enable slave with SC3_SPICFG[4] Select SPI with SC3_MODE Table 6.1. EM359x Pin Descriptions (Continued) Pin # Signal Direction Description Note: 1. IRQC and IRQD external interrupts can be mapped to any digital I/O pin using the GPIO_IRQCSEL and GPIO_IRQDSEL registers. |