Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM3591-RTR Fiches technique(PDF) 56 Page - Silicon Laboratories

No de pièce EM3591-RTR
Description  High-Performance, Integrated ZigBee
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3591-RTR Fiches technique(HTML) 56 Page - Silicon Laboratories

Back Button EM3591-RTR Datasheet HTML 51Page - Silicon Laboratories EM3591-RTR Datasheet HTML 52Page - Silicon Laboratories EM3591-RTR Datasheet HTML 53Page - Silicon Laboratories EM3591-RTR Datasheet HTML 54Page - Silicon Laboratories EM3591-RTR Datasheet HTML 55Page - Silicon Laboratories EM3591-RTR Datasheet HTML 56Page - Silicon Laboratories EM3591-RTR Datasheet HTML 57Page - Silicon Laboratories EM3591-RTR Datasheet HTML 58Page - Silicon Laboratories EM3591-RTR Datasheet HTML 59Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 56 / 59 page
background image
EM359x
56
Rev 1.0
Table 6.3. PCB Land Pattern
Dimension
Min
C1
7.89
C2
7.89
e
0.50
X1
0.26
Y1
0.84
X2
6.15
Y2
6.15
Notes:
General
1.
All dimensions shown are in millimeters (mm) unless otherwise noted.
2.
Dimensioning and Tolerancing is per the ANSI Y14.5M-1994 specification.
3.
This Land Pattern Design is based on the IPC-SM-782 guidelines.
Solder Mask Design
1.
All pads are to be non-solder mask defined (NSMD). Clearance between the solder mask and the metal pad is to be
60
m minimum, all the way around the pad.
Card Assembly
1.
A No-Clean, Type-3 solder paste is recommended.
2.
The recommended card reflow profile is per the JEDEC/IPC J-STD-020 specification for Small Body Components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59