Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM3591-RTR Fiches technique(PDF) 53 Page - Silicon Laboratories

No de pièce EM3591-RTR
Description  High-Performance, Integrated ZigBee
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3591-RTR Fiches technique(HTML) 53 Page - Silicon Laboratories

Back Button EM3591-RTR Datasheet HTML 49Page - Silicon Laboratories EM3591-RTR Datasheet HTML 50Page - Silicon Laboratories EM3591-RTR Datasheet HTML 51Page - Silicon Laboratories EM3591-RTR Datasheet HTML 52Page - Silicon Laboratories EM3591-RTR Datasheet HTML 53Page - Silicon Laboratories EM3591-RTR Datasheet HTML 54Page - Silicon Laboratories EM3591-RTR Datasheet HTML 55Page - Silicon Laboratories EM3591-RTR Datasheet HTML 56Page - Silicon Laboratories EM3591-RTR Datasheet HTML 57Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 59 page
background image
EM359x
Rev 1.0
53
6.1. Packaging
The EM359x package is a plastic 56-pin QFN that is 8 mm x 8 mm. Figure 6.2 illustrates the package drawing.
Figure 6.2. Package Drawing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59