Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM3582-RTR Fiches technique(PDF) 37 Page - Silicon Laboratories

No de pièce EM3582-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip Family
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3582-RTR Fiches technique(HTML) 37 Page - Silicon Laboratories

Back Button EM3582-RTR Datasheet HTML 33Page - Silicon Laboratories EM3582-RTR Datasheet HTML 34Page - Silicon Laboratories EM3582-RTR Datasheet HTML 35Page - Silicon Laboratories EM3582-RTR Datasheet HTML 36Page - Silicon Laboratories EM3582-RTR Datasheet HTML 37Page - Silicon Laboratories EM3582-RTR Datasheet HTML 38Page - Silicon Laboratories EM3582-RTR Datasheet HTML 39Page - Silicon Laboratories EM3582-RTR Datasheet HTML 40Page - Silicon Laboratories EM3582-RTR Datasheet HTML 41Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 59 page
background image
EM358x
Rev 1.0
37
6. Pin Assignments
Figure 6.1. EM358x Pin Definitions
Refer to Chapter 7, GPIO, in the Ember EM358x Reference Manual for details about selecting GPIO pin
functions.
VDD_24MHZ
VDD_VCO
RF_N
RF_P
VDD_RF
RF_TX_ALT_P
RF_TX_ALT_N
VDD_IF
NC
VDD_PADSA
PC5, TX_ACTIVE
PB0, VREF, IRQA, TRACEDATA2, TIM1CLK, TIM2MSK
PC4, JTMS, SWDIO
PC3, JTDI, TRACECLK
PC2, JTDO, SWO, TRACEDATA0
SWCLK, JTCK
PB2, SC1MISO, SC1MOSI, SC1SCL, SC1RXD, TIM2C2
PB1, SC1MISO, SC1MOSI, SC1SDA, SC1TXD, TIM2C1
PA6, TIM1C3
VDD_PADS
PA5, ADC5, PTI_DATA, nBOOTMODE, TRACEDATA3
PA4, ADC4, PTI_EN, TRACEDATA2
PA3, SC2nSSEL, TIM2C2
13
14
15
16
17
18
19
20
21
22
23
24
12
11
nRESET
10
9
8
7
6
5
4
3
2
1
25
26
27
28
29
30
31
32
33
34
35
36
48
47
46
45
44
43
42
41
40
39
38
37
49
GND
EM358x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59