Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM3582-RTR Fiches technique(PDF) 7 Page - Silicon Laboratories

No de pièce EM3582-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip Family
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3582-RTR Fiches technique(HTML) 7 Page - Silicon Laboratories

Back Button EM3582-RTR Datasheet HTML 3Page - Silicon Laboratories EM3582-RTR Datasheet HTML 4Page - Silicon Laboratories EM3582-RTR Datasheet HTML 5Page - Silicon Laboratories EM3582-RTR Datasheet HTML 6Page - Silicon Laboratories EM3582-RTR Datasheet HTML 7Page - Silicon Laboratories EM3582-RTR Datasheet HTML 8Page - Silicon Laboratories EM3582-RTR Datasheet HTML 9Page - Silicon Laboratories EM3582-RTR Datasheet HTML 10Page - Silicon Laboratories EM3582-RTR Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
EM358x
Rev 1.0
7
FPB
Flash Patch and Breakpoint
GPIO
General Purpose I/O (pins)
HF
High Frequency
I2C
Inter-Integrated Circuit
IDE
Integrated Development Environment
IF
Intermediate Frequency
IEEE
Institute of Electrical and Electronics Engineers
INL
Integral Non-linearity
ITM
Instrumentation Trace Macrocell
JTAG
Joint Test Action Group
LF
Low Frequency
LNA
Low Noise Amplifier
LQI
Link Quality Indicator
LSB
Least significant bit
MAC
Medium Access Control
MFB
Main Flash Block
MISO
Master in, slave out
MOS
Metal Oxide Semiconductor (P-channel or N-channel)
MOSI
Master out, slave in
MPU
Memory Protection Unit
MSB
Most significant bit
MSL
Moisture Sensitivity Level
NACK
Negative Acknowledge
NIST
National Institute of Standards and Technology
NMI
Non-Maskable Interrupt
NVIC
Nested Vectored Interrupt Controller
OPM
One-Pulse Mode
O-QPSK
Offset-Quadrature Phase Shift Keying
OSC24M
High Frequency Crystal Oscillator
OSC32K
Low-Frequency 32.768 kHz Oscillator
OSCHF
High-Frequency Internal RC Oscillator
OSCRC
Low-Frequency RC Oscillator
PA
Power Amplifier
Table 1.1. Acronyms and Abbreviations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59