| Moteur de recherche de fiches techniques de composants électroniques |
|
EM3581-RTR Fiches technique(PDF) 4 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM3581-RTR Fiches technique(HTML) 4 Page - Silicon Laboratories |
|
4 / 59 page ![]() EM358x 4 Rev 1.0 4.5. Integrated Voltage Regulator .......................................................................................32 4.6. Peripherals ...................................................................................................................32 4.6.1. GPIO ..................................................................................................................32 4.6.2. Serial Controllers .................................................................................................32 4.6.3. USB ..................................................................................................................33 4.6.4. General Purpose Timers......................................................................................33 4.6.5. Analog-to-Digital Converter (ADC) ......................................................................34 4.7. Debugging ....................................................................................................................34 4.7.1. Trace Port Interface Unit (TPIU) ..........................................................................34 4.7.2. Instrumentation Trace Macrocell (ITM)................................................................34 4.7.3. Embedded Trace Macrocell (ETM)......................................................................34 4.7.4. Data Watchpoint and Trace (DWT)...........................................................34 4.7.5. Flash Patch and Breakpoint (FPB) ......................................................................35 4.7.6. Serial Wire and JTAG (SWJ) Interface ................................................................35 5. Ordering Information.........................................................................................................36 6. Pin Assignments................................................................................................................37 6.1. Mechanical Details .......................................................................................................50 6.1.1. QFN48 Footprint Recommendations ...................................................................52 6.1.2. Solder Temperature Profile..................................................................................54 6.2. Part Marking .................................................................................................................56 Document Change List ...........................................................................................................58 Contact Information ................................................................................................................59 |