| Moteur de recherche de fiches techniques de composants électroniques |
|
EM3581-RTR Fiches technique(PDF) 37 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM3581-RTR Fiches technique(HTML) 37 Page - Silicon Laboratories |
|
37 / 59 page ![]() EM358x Rev 1.0 37 6. Pin Assignments Figure 6.1. EM358x Pin Definitions Refer to Chapter 7, GPIO, in the Ember EM358x Reference Manual for details about selecting GPIO pin functions. VDD_24MHZ VDD_VCO RF_N RF_P VDD_RF RF_TX_ALT_P RF_TX_ALT_N VDD_IF NC VDD_PADSA PC5, TX_ACTIVE PB0, VREF, IRQA, TRACEDATA2, TIM1CLK, TIM2MSK PC4, JTMS, SWDIO PC3, JTDI, TRACECLK PC2, JTDO, SWO, TRACEDATA0 SWCLK, JTCK PB2, SC1MISO, SC1MOSI, SC1SCL, SC1RXD, TIM2C2 PB1, SC1MISO, SC1MOSI, SC1SDA, SC1TXD, TIM2C1 PA6, TIM1C3 VDD_PADS PA5, ADC5, PTI_DATA, nBOOTMODE, TRACEDATA3 PA4, ADC4, PTI_EN, TRACEDATA2 PA3, SC2nSSEL, TIM2C2 13 14 15 16 17 18 19 20 21 22 23 24 12 11 nRESET 10 9 8 7 6 5 4 3 2 1 25 26 27 28 29 30 31 32 33 34 35 36 48 47 46 45 44 43 42 41 40 39 38 37 49 GND EM358x |