Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLS-440P Fiches technique(PDF) 5 Page - ams AG

No de pièce HLS-440P
Description  Automotive Hydrogen Leak Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

HLS-440P Fiches technique(HTML) 5 Page - ams AG

  HLS-440P Datasheet HTML 1Page - ams AG HLS-440P Datasheet HTML 2Page - ams AG HLS-440P Datasheet HTML 3Page - ams AG HLS-440P Datasheet HTML 4Page - ams AG HLS-440P Datasheet HTML 5Page - ams AG HLS-440P Datasheet HTML 6Page - ams AG HLS-440P Datasheet HTML 7Page - ams AG HLS-440P Datasheet HTML 8Page - ams AG HLS-440P Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
ams Datasheet
Page 5
[v1-00] 2015-Apr-01
Document Feedback
HLS-440P − Electrical Interface
Electrical Connector
The sensor connector is a A2105404381 - Code A with mating
connector MQS 4-pin, TE Connectivity AMP p/n 1-967640-1
Code A.
Figure 5:
Pin Coding AMP 1-967640-1 Code A
Figure 6:
Pin Assignment
Pin
Function
1Vcc
2GND
3
CAN – High
Type A with termination resistor
Type B no termination resistor
4
CAN – Low
Type A with termination resistor
Type B no termination resistor
Electrical Interface
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23