| Moteur de recherche de fiches techniques de composants électroniques |
|
HLS-440P Fiches technique(PDF) 2 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
HLS-440P Fiches technique(HTML) 2 Page - ams AG |
|
2 / 23 page ![]() Page 2 ams Datasheet Document Feedback [v1-00] 2015-Apr-01 HLS-440P − General Description Applications Detection of hydrogen gas leaks in fuel cell systems and other in-process applications. Block Diagram The functional blocks of this device for reference are shown below: Figure 2: HLS-440P Block Diagram • Safety integrity level and explosion proof • Designed for SIL2 (IEC 61508) and ATEX 100a zone 2 •Long lifetime • IP6K7 and IP6K9K qualified with expected lifetime of 10 years Benefits Features Power Supply LDO Voltage Regulation EMC Filter Protection Overvoltage, reverse polarity Heater Switch Resistor H2-Sensor Timer μController Watchdog Output Switch Connector |