Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5601-ASOT Fiches technique(PDF) 30 Page - ams AG

No de pièce AS5601-ASOT
Description  12-bit Programmable Contactless Encoder
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5601-ASOT Fiches technique(HTML) 30 Page - ams AG

Back Button AS5601-ASOT Datasheet HTML 26Page - ams AG AS5601-ASOT Datasheet HTML 27Page - ams AG AS5601-ASOT Datasheet HTML 28Page - ams AG AS5601-ASOT Datasheet HTML 29Page - ams AG AS5601-ASOT Datasheet HTML 30Page - ams AG AS5601-ASOT Datasheet HTML 31Page - ams AG AS5601-ASOT Datasheet HTML 32Page - ams AG AS5601-ASOT Datasheet HTML 33Page - ams AG AS5601-ASOT Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
Page 30
ams Datasheet
Document Feedback
[v1-02] 2014-Oct-29
AS5601 − Register Description
Figure 31:
Step Response (fast filter on)
Hysteresis
To suppress spurious toggling of the output when the magnet
is not moving, a 1 to 3 LSB hysteresis of the 12-bit resolution
can be enabled with the HYST bits in the CONF register.
Magnet Detection
As a safety and diagnostic feature, the AS5601 indicates the
absence of the magnet. If the measured magnet field strength
goes below the minimum specified level (Bz_ERROR),
quadrature output is not updated and the MD bit in the STATUS
register is 0.
Input
Sampling
Frequency
Settling Time
according slow filter setting
Noise
Fast Filter
Noise
slow filter
Output
response
Fast filter step response
Threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43