Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5601-ASOT Fiches technique(PDF) 12 Page - ams AG

No de pièce AS5601-ASOT
Description  12-bit Programmable Contactless Encoder
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5601-ASOT Fiches technique(HTML) 12 Page - ams AG

Back Button AS5601-ASOT Datasheet HTML 8Page - ams AG AS5601-ASOT Datasheet HTML 9Page - ams AG AS5601-ASOT Datasheet HTML 10Page - ams AG AS5601-ASOT Datasheet HTML 11Page - ams AG AS5601-ASOT Datasheet HTML 12Page - ams AG AS5601-ASOT Datasheet HTML 13Page - ams AG AS5601-ASOT Datasheet HTML 14Page - ams AG AS5601-ASOT Datasheet HTML 15Page - ams AG AS5601-ASOT Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
Page 12
ams Datasheet
Document Feedback
[v1-02] 2014-Oct-29
AS5601 − Detailed Description
I²C Timing
Figure 14:
I²C Timing
Note(s) and/or Footnote(s):
1. After this time, the first clock is generated.
2. A device must internally provide a minimum hold time of 120 ns (Fast-mode Plus) for the SDA signal (referred to the VIHmin of SCL)
to bridge the undefined region of the falling edge of SCL.
3. A Fast-mode device can be used in a standard-mode system, but the requirement tSU;DAT = 250 ns must be met. This is automatic if
the device does not stretch the low phase of SCL. If such a device does stretch the low phase of SCL, it must drive the next data bit
on SDA (tRmax + tSU;DAT = 1000 + 250 = 1250 ns ) before SCL is released.
4. In Fast-mode Plus, fall time is specified the same for both output stage and bus timing. If series resistors are used, this has to be
considered for bus timing.
Symbol
Parameter
Conditions
Min
Max
Units
fSCLK
SCL clock frequency
1.0
MHz
tBUF
Bus free time (time
between the STOP and
START conditions)
0.5
μs
tHD;STA
Hold time; (Repeated)
START condition (1)
0.26
μs
tLOW
Low phase of SCL clock
0.5
μs
tHIGH
High phase of SCL clock
0.26
μs
tSU;STA
Setup time for a
Repeated START
condition
0.26
μs
tHD;DAT
Data hold time (2)
0.45
μs
tSU;DAT
Data setup time (3)
50
ns
tR
Rise time of SDA and SCL
signals
120
ns
tF
Fall time of SDA and SCL
signals
10
120 (4)
ns
tSU;STO
Setup time for STOP
condition
0.26
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43