Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5147P-HTST Fiches technique(PDF) 3 Page - ams AG

No de pièce AS5147P-HTST
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Binary
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5147P-HTST Fiches technique(HTML) 3 Page - ams AG

  AS5147P-HTST Datasheet HTML 1Page - ams AG AS5147P-HTST Datasheet HTML 2Page - ams AG AS5147P-HTST Datasheet HTML 3Page - ams AG AS5147P-HTST Datasheet HTML 4Page - ams AG AS5147P-HTST Datasheet HTML 5Page - ams AG AS5147P-HTST Datasheet HTML 6Page - ams AG AS5147P-HTST Datasheet HTML 7Page - ams AG AS5147P-HTST Datasheet HTML 8Page - ams AG AS5147P-HTST Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
ams Datasheet
Page 3
[v1-01] 2015-May-12
Document Feedback
AS5147P − Pin Assignment
Figure 3:
TSSOP-14 Pin Assignment
Figure 4:
Pin Description
Pin Number
Pin Name
Pin Type
Description
1
CSn
Digital input
SPI chip select (active low)
2CLK
Digital input
SPI clock
3
MISO
Digital output
SPI master data input, slave output
4
MOSI
Digital input
SPI master data output, slave input
5
Test
Test pin (connect to ground)
6
B
Digital output
Incremental signal B
7
A
Digital output
Incremental signal A
Pin Assignment
CSn
CLK
MISO
MOSI
TEST
B
A
I / PWM
GND
VDD3V
VDD
U
V
W / PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40