Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5147P-HTST Fiches technique(PDF) 12 Page - ams AG

No de pièce AS5147P-HTST
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Binary
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5147P-HTST Fiches technique(HTML) 12 Page - ams AG

Back Button AS5147P-HTST Datasheet HTML 8Page - ams AG AS5147P-HTST Datasheet HTML 9Page - ams AG AS5147P-HTST Datasheet HTML 10Page - ams AG AS5147P-HTST Datasheet HTML 11Page - ams AG AS5147P-HTST Datasheet HTML 12Page - ams AG AS5147P-HTST Datasheet HTML 13Page - ams AG AS5147P-HTST Datasheet HTML 14Page - ams AG AS5147P-HTST Datasheet HTML 15Page - ams AG AS5147P-HTST Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
Page 12
ams Datasheet
Document Feedback
[v1-01] 2015-May-12
AS5147P − Detailed Description
SPI Interface (Slave)
The SPI interface is used by a host microcontroller (master) to
read or write the volatile memory as well as to program the
non-volatile OTP registers. The AS5147P SPI only supports slave
operation mode. It communicates at clock rates up to 10 MHz.
The AS5147P SPI uses mode=1 (CPOL=0, CPHA=1) to exchange
data. As shown in Figure 12, a data transfer starts with the
falling edge of CSn (SCL is low). The AS5147P samples MOSI data
on the falling edge of SCL. SPI commands are executed at the
end of the frame (rising edge of CSn). The bit order is MSB first.
Data is protected by parity.
SPI Timing
The AS5147P SPI timing is shown in Figure 12.
Figure 12:
SPI Timing Diagram
CSn
(Input)
CLK
(Input)
MOSI
(Input)
MISO
(Output)
tclk
tL
tMOSI
tMISO
tOZ
tOZ
tH
tCSn
tclkL
tclkH
Data[15]
Data[15]
Data[14]
Data[14]
Data[0]
Data[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40