Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5047P-ATST Fiches technique(PDF) 39 Page - ams AG

No de pièce AS5047P-ATST
Description  14-bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Decimal
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5047P-ATST Fiches technique(HTML) 39 Page - ams AG

Back Button AS5047P-ATST Datasheet HTML 32Page - ams AG AS5047P-ATST Datasheet HTML 33Page - ams AG AS5047P-ATST Datasheet HTML 34Page - ams AG AS5047P-ATST Datasheet HTML 35Page - ams AG AS5047P-ATST Datasheet HTML 36Page - ams AG AS5047P-ATST Datasheet HTML 37Page - ams AG AS5047P-ATST Datasheet HTML 38Page - ams AG AS5047P-ATST Datasheet HTML 39Page - ams AG AS5047P-ATST Datasheet HTML 40Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
ams Datasheet
Page 39
[v1-00] 2014-Oct-31
Document Feedback
AS5047P − Revision Information
Note(s) and/or Footnote(s):
1. Page and figure numbers for the previous version may differ from page and figure numbers in the current revision.
2. Correction of typographical errors is not explicitly mentioned.
Changes from 0-02 (2014-Oct-30) to current revision 1-00 (2014-Oct-31)
Page
Initial version for release
Revision Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40