| Moteur de recherche de fiches techniques de composants électroniques |
|
AS5047P-ATST Fiches technique(PDF) 3 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5047P-ATST Fiches technique(HTML) 3 Page - ams AG |
|
3 / 40 page ![]() ams Datasheet Page 3 [v1-00] 2014-Oct-31 Document Feedback AS5047P − Pin Assignment Figure 3: TSSOP-14 Pin Assignment Figure 4: Pin Description Pin Number Pin Name Pin Type Description 1 CSn Digital input SPI chip select (active low) 2CLK Digital input SPI clock 3 MISO Digital output SPI master data input, slave output 4 MOSI Digital input SPI master data output, slave input 5 Test Test pin (connect to ground) 6 B Digital output Incremental signal B 7 A Digital output Incremental signal A Pin Assignment CSn CLK MISO MOSI TEST B A I / PWM GND VDD3V VDD U V W / PWM |