Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3693B Fiches technique(PDF) 32 Page - ams AG

No de pièce AS3693B
Description  16 Channel high precision LED driver for LCD Backlight
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3693B Fiches technique(HTML) 32 Page - ams AG

Back Button AS3693B Datasheet HTML 25Page - ams AG AS3693B Datasheet HTML 26Page - ams AG AS3693B Datasheet HTML 27Page - ams AG AS3693B Datasheet HTML 28Page - ams AG AS3693B Datasheet HTML 29Page - ams AG AS3693B Datasheet HTML 30Page - ams AG AS3693B Datasheet HTML 31Page - ams AG AS3693B Datasheet HTML 32Page - ams AG AS3693B Datasheet HTML 33Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
AS3693B
austriami crosyst ems
www.austriamicrosystems.com
Revision 1.21 / 2011-09-30
31 - 32
10 Ordering Information
Table 6 – Ordering Information
Part Number
Marking
Package Type
Delivery Form
Description
AS3693B-ZTQT
AS3693B
epTQFP64
Tape and Reel
in Dry Pack
Package size = 10x10mm, Exposed pad
size = 4.5x4.5mm, Pitch = 0.5mm, Pb-free;
AS3693B-ZQFT
AS3693B
QFN64
Tape and Reel
in Dry Pack
Package size = 9x9mm, Pitch = 0.5mm,
Pb-free;
AS3693B-ZMFT
AS3693B
MLF64
Tape and Reel
in Dry Pack
Package size = 9x9mm, Pitch = 0.5mm,
Pb-free;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33