Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3693B Fiches technique(PDF) 23 Page - ams AG

No de pièce AS3693B
Description  16 Channel high precision LED driver for LCD Backlight
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3693B Fiches technique(HTML) 23 Page - ams AG

Back Button AS3693B Datasheet HTML 19Page - ams AG AS3693B Datasheet HTML 20Page - ams AG AS3693B Datasheet HTML 21Page - ams AG AS3693B Datasheet HTML 22Page - ams AG AS3693B Datasheet HTML 23Page - ams AG AS3693B Datasheet HTML 24Page - ams AG AS3693B Datasheet HTML 25Page - ams AG AS3693B Datasheet HTML 26Page - ams AG AS3693B Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
AS3693B
austriami crosyst ems
www.austriamicrosystems.com
Revision 1.21 / 2011-09-30
22 - 32
7.8.2
SPI interface
SDI
SPI – Interface Pins
Digital
SCL
Control -Registers
PWM - Generator
OUTPUT
VSYNC
HSYNC
CS
SDO
FAULT
ADDR2
ADDR1
SPI Mode – Digital Interface Pins:
CS(N)
Chip Select input
SDO
Serial Data output
SDI
Serial Data input
SCL
Serial Clock input
VSYNC
Video Sync signal input
HSYNC
Video Sync signal input
ADDR1
ADDR2
Device Address pins (can be
set via resistor).
7.8.2.1 Read Sequence
SCK
SDI
(SDA)
SDO
6
0
1
2
8
3
4
5
6
7
9
10
11
5
4
3
1
0
1
13
23
14
15
16
17
18
19
20
21
22
7
6
5
4
3
2
1
0
CS1
High Impedance
8 Bit Device Address
7 Bit Register Address
Data Out
R/W
7
6
5
4
3
2
1
0
2
12
7.8.2.2 Page Read Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33