Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1111 Fiches technique(PDF) 4 Page - ams AG

No de pièce AS1111
Description  Low?밆ropout LED Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1111 Fiches technique(HTML) 4 Page - ams AG

  AS1111 Datasheet HTML 1Page - ams AG AS1111 Datasheet HTML 2Page - ams AG AS1111 Datasheet HTML 3Page - ams AG AS1111 Datasheet HTML 4Page - ams AG AS1111 Datasheet HTML 5Page - ams AG AS1111 Datasheet HTML 6Page - ams AG AS1111 Datasheet HTML 7Page - ams AG AS1111 Datasheet HTML 8Page - ams AG AS1111 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Page 4
ams Datasheet
Document Feedback
[v1-06] 2015-Apr-07
AS1111 − Pin Assignment
Pin Description: Shows the pin number, name and description of every pin.
A3
-
-
I1/I2
Input1/2. Connect to cathode of LED1 (AS1111A)
A1
-
-
I3/I4
Input3/4. Connect to cathode of LED2 (AS1111A)
--
3
I4
Input4. Connect to cathode of LED4 (AS1111C)
8NC
Not Connected. (AS1111C)
--
9
Exposed Pad. Connect this pad to the GND plane
on the PCB to maximize power dissipation
(AS1111C)
Pin Number
Pin
Name
Description
AS1111A
AS1111B
AS1111C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22