Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1111 Fiches technique(PDF) 3 Page - ams AG

No de pièce AS1111
Description  Low?밆ropout LED Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1111 Fiches technique(HTML) 3 Page - ams AG

  AS1111 Datasheet HTML 1Page - ams AG AS1111 Datasheet HTML 2Page - ams AG AS1111 Datasheet HTML 3Page - ams AG AS1111 Datasheet HTML 4Page - ams AG AS1111 Datasheet HTML 5Page - ams AG AS1111 Datasheet HTML 6Page - ams AG AS1111 Datasheet HTML 7Page - ams AG AS1111 Datasheet HTML 8Page - ams AG AS1111 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
ams Datasheet
Page 3
[v1-06] 2015-Apr-07
Document Feedback
AS1111 − Pin Assignment
Figure 3:
Pin Assignment of AS1111A/B and AS1111C
Pin Assignment: Shows the TOP through view pin assignment of the AS1111A/B and AS1111C.
Pin Description
Figure 4:
Pin Description of AS1111
Pin Number
Pin
Name
Description
AS1111A
AS1111B
AS1111C
A2
A2
4
GND
Ground. Connect to GND
B2
-
-
GND
Ground. Connect to GND (AS1111A)
B3
B3
7
CTRL
Control. Sets the LED current; connect to external
resistor RSET
B1
B1
1
EN
Enable. Device enable/PWM Input.
1 = Normal Operation
0 = Shutdown
-A3
5
I1
Input1. Connect to cathode of LED1 (AS1111B&C)
-B2
6
I2
Input2. Connect to cathode of LED2 (AS1111B&C)
-A1
2
I3
Input3. Connect to cathode of LED3 (AS1111B&C)
Pin Assignment
1
2
3
4
AS1111C
MLPD 8-pin 2x2mm
Exposed pad: GND
9
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22