Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Z89340 Fiches technique(PDF) 6 Page - Zilog, Inc.

No de pièce Z89340
Description  Digital Wavetable Engine
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZILOG [Zilog, Inc.]
Site Internet  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89340 Fiches technique(HTML) 6 Page - Zilog, Inc.

Back Button Z89340 Datasheet HTML 2Page - Zilog, Inc. Z89340 Datasheet HTML 3Page - Zilog, Inc. Z89340 Datasheet HTML 4Page - Zilog, Inc. Z89340 Datasheet HTML 5Page - Zilog, Inc. Z89340 Datasheet HTML 6Page - Zilog, Inc. Z89340 Datasheet HTML 7Page - Zilog, Inc. Z89340 Datasheet HTML 8Page - Zilog, Inc. Z89340 Datasheet HTML 9Page - Zilog, Inc. Z89340 Datasheet HTML 10Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Z89340
Digital Wavetable Engine
1-6
P R E L I M I N A R Y
DS96DSP0201
PIN IDENTIFICATION (Continued)
144
145
146
147–149
150
151–153
CAS
DRAM_OE
DRAM_WE
ROMADD21–23
ROMADD20
ROMADD18,19, 17
Ext. DRAM Col. Address Strobe
Ext. DRAM Output Enable
Ext. DRAM Write Enable
Wavetable ROM Address Bus
Wavetable ROM Address Bus
Wavetable ROM Address Bus
Output
Output
Output
Output
Output
Output
154
155
156
ROMADD08
ROMADD07
ROMADD09
Wavetable ROM Address Bus
Wavetable ROM Address Bus
Wavetable ROM Address Bus
Output
Output
Output
157
158
159
160
ROMADD06
ROMADD10
ROMADD05
VCC
Wavetable ROM Address Bus
Wavetable ROM Address Bus
Wavetable ROM Address Bus
Power Supply
Output
Output
Output
–
Table 1. 160-Pin QFP Pin Identification
Pin #
Symbol
Function
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30