Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Z89340 Fiches technique(PDF) 17 Page - Zilog, Inc.

No de pièce Z89340
Description  Digital Wavetable Engine
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZILOG [Zilog, Inc.]
Site Internet  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89340 Fiches technique(HTML) 17 Page - Zilog, Inc.

Back Button Z89340 Datasheet HTML 13Page - Zilog, Inc. Z89340 Datasheet HTML 14Page - Zilog, Inc. Z89340 Datasheet HTML 15Page - Zilog, Inc. Z89340 Datasheet HTML 16Page - Zilog, Inc. Z89340 Datasheet HTML 17Page - Zilog, Inc. Z89340 Datasheet HTML 18Page - Zilog, Inc. Z89340 Datasheet HTML 19Page - Zilog, Inc. Z89340 Datasheet HTML 20Page - Zilog, Inc. Z89340 Datasheet HTML 21Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
Z89340
Digital Wavetable Engine
DS96DSP0201
P R E L I M I N A R Y
1-17
1
ADPCM Oscillator
The ADPCM Oscillator works in much the same way as the
Sample Loop and Wavetable Oscillators. The main differ-
ences are that, due to the nature of ADPCM, the frequency
cannot be negative (you cannot with the Sample Loop Os-
cillator you can play a sound backwards, with Wavetable
Mode and ADPCM), and ADPCM will not allow playing a
sound faster than the sampling rate at which it is stored in
ROM. Also, the wavetable synthesis extensions of the
Wavetable Mode Oscillator are not available. The Z89340
handles IMA/DVI format ADPCM in 4- and 8-bit modes.
The ADPCM Oscillator provides a way to compact the da-
ta, but with some degree of sound degradation. However,
in many applications the trade-off may be worthwhile. (Re-
fer to Figure 11 for ADPCM-IMA/DVI Oscillator Address
Map).
Figure 11. The ADPCM-IMA/DVI Oscillator Address Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30