Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SSF-LLG Fiches technique(PDF) 7 Page - DOMINANT Semiconductors

No de pièce SSF-LLG
Description  High brightness surface mount LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DOMINANT [DOMINANT Semiconductors]
Site Internet  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SSF-LLG Fiches technique(HTML) 7 Page - DOMINANT Semiconductors

Back Button SSF-LLG Datasheet HTML 3Page - DOMINANT Semiconductors SSF-LLG Datasheet HTML 4Page - DOMINANT Semiconductors SSF-LLG Datasheet HTML 5Page - DOMINANT Semiconductors SSF-LLG Datasheet HTML 6Page - DOMINANT Semiconductors SSF-LLG Datasheet HTML 7Page - DOMINANT Semiconductors SSF-LLG Datasheet HTML 8Page - DOMINANT Semiconductors SSF-LLG Datasheet HTML 9Page - DOMINANT Semiconductors SSF-LLG Datasheet HTML 10Page - DOMINANT Semiconductors SSF-LLG Datasheet HTML 11Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
13/02/2014 V2.0
7
InGaN Warm White S-Spice : SSF-LLG
Recommended Solder Pad
Note: Component is based on a new package platform, which features “Bottom Only Terminations“. Solder joints are only formed
at the bottom of the component and solder fillet will not be observable as the sides of the component.
Surface are not intended for soldering
DOMINANT
Opto Technologies
Innovating Illumination
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13