Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SSF-LLG Fiches technique(PDF) 3 Page - DOMINANT Semiconductors

No de pièce SSF-LLG
Description  High brightness surface mount LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DOMINANT [DOMINANT Semiconductors]
Site Internet  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SSF-LLG Fiches technique(HTML) 3 Page - DOMINANT Semiconductors

  SSF-LLG Datasheet HTML 1Page - DOMINANT Semiconductors SSF-LLG Datasheet HTML 2Page - DOMINANT Semiconductors SSF-LLG Datasheet HTML 3Page - DOMINANT Semiconductors SSF-LLG Datasheet HTML 4Page - DOMINANT Semiconductors SSF-LLG Datasheet HTML 5Page - DOMINANT Semiconductors SSF-LLG Datasheet HTML 6Page - DOMINANT Semiconductors SSF-LLG Datasheet HTML 7Page - DOMINANT Semiconductors SSF-LLG Datasheet HTML 8Page - DOMINANT Semiconductors SSF-LLG Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
13/02/2014 V2.0
3
InGaN Warm White S-Spice : SSF-LLG
DOMINANT
Opto Technologies
Innovating Illumination
TM
Wavelength Grouping
Bin
RA
RB
QA
QB
0.402
0.421
0.392
0.389
0.421
0.433
0.409
0.400
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
0.392
0.389
0.382
0.358
0.409
0.400
0.397
0.367
0.409
0.399
0.397
0.367
0.423
0.405
0.409
0.372
0.421
0.433
0.409
0.399
0.437
0.438
0.423
0.405
PA
PB
NA
NB
0.437
0.438
0.423
0.405
0.452
0.443
0.436
0.409
0.423
0.405
0.409
0.372
0.436
0.409
0.421
0.377
0.436
0.409
0.421
0.377
0.451
0.414
0.435
0.382
0.452
0.443
0.436
0.409
0.469
0.448
0.451
0.414
Chromaticity coordinate groups are measured with an accuracy of ± 0.01.
InGaN wavelength is very sensitive to drive current. Operating at lower current is not recommended and may yield unpredictable performance.
Current pulsing should be used for dimming purposes.
Color Structure
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13