Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD6830P Fiches technique(PDF) 27 Page - AUK corp

No de pièce SD6830P
Description  4BIT MICROCONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AUK [AUK corp]
Site Internet  https:www.auk.co.kr
Logo AUK - AUK corp

SD6830P Fiches technique(HTML) 27 Page - AUK corp

Back Button SD6830P Datasheet HTML 23Page - AUK corp SD6830P Datasheet HTML 24Page - AUK corp SD6830P Datasheet HTML 25Page - AUK corp SD6830P Datasheet HTML 26Page - AUK corp SD6830P Datasheet HTML 27Page - AUK corp SD6830P Datasheet HTML 28Page - AUK corp SD6830P Datasheet HTML 29Page - AUK corp SD6830P Datasheet HTML 30Page - AUK corp SD6830P Datasheet HTML 31Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
KSI-W002-000
27
LDA E
Binary code
: 00010010
Syntax
: [<label>] LDA E
Operation
: (A) ← (E)
Flags
: CY : Unaffected
SF : Unaffected
Words/Cycles
:
1/1.
Description
: Loads the contents of port E into the accumulator
Example
: LDA
E ; Load the contents of E into A
LDA H
Binary code
: 00010001
Syntax
: [<label>] LDA H
Operation
: (A) ← (H)
Flags
: CY : Unaffected
SF : Unaffected
Words/Cycles
:
1/1
Description
: Loads the contents of register H into the bit 0 of accumulator.
Example
: LDA H ; Load the content of H into the bit 0 of A
LDA L
Binary code : 00010110
Syntax
:
[<label>] LDA L
Operation
: (A) ← (L)
Flags
: CY : Unaffected
SF : Unaffected
Words/Cycles : 1/1
Description
: Loads the contents of register L into the accumulator.
Example
: LDA
L
; Load the contents of L into A
SD6830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34