Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD6830P Fiches technique(PDF) 26 Page - AUK corp

No de pièce SD6830P
Description  4BIT MICROCONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AUK [AUK corp]
Site Internet  https:www.auk.co.kr
Logo AUK - AUK corp

SD6830P Fiches technique(HTML) 26 Page - AUK corp

Back Button SD6830P Datasheet HTML 22Page - AUK corp SD6830P Datasheet HTML 23Page - AUK corp SD6830P Datasheet HTML 24Page - AUK corp SD6830P Datasheet HTML 25Page - AUK corp SD6830P Datasheet HTML 26Page - AUK corp SD6830P Datasheet HTML 27Page - AUK corp SD6830P Datasheet HTML 28Page - AUK corp SD6830P Datasheet HTML 29Page - AUK corp SD6830P Datasheet HTML 30Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
KSI-W002-000
26
LDA n
Binary code : 0111xxxx
Syntax
: [<label>] LDA n
Operation
: (A) ← n, n=0~15 ( n must be decimal number. )
Flags
: CY : Unaffected
SF : Unaffected
Words/Cycles : 1/1
Description
: Loads an immediate data into the accumulator. Skip this instruction if it
was used just before.
Example
: STA
B
LDA
15
; Load 15 into A.
LDA
4
; It is skipped because this instruction was used just before
LDA
7
; It is skipped because this instruction was used just before
JMP
0B0
; Jump to 0B0
LDA B
Binary code : 00010101
Syntax
: [<label>] LDA B
Operation
: (A) ← (B)
Flags
: CY : Unaffected
SF : Unaffected
Words/Cycles : 1/1
Description
: Loads the contents of register B into the accumulator.
Example
:
LDA
B
; Load the contents of B into A
LDA D
Binary code : 00010100
Syntax
: [<label>] LDA D
Operation
: (A) ← (D)
Flags
: CY : Unaffected
SF : Unaffected
Words/Cycles : 1/1
Description
: Loads the contents of port D into the accumulator.
Example
: LDA
D
; Load the contents of D into A
SD6830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34