| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F72/SO Fiches technique(PDF) 41 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F72/SO Fiches technique(HTML) 41 Page - Microchip Technology |
|
41 / 136 page ![]() 2002 Microchip Technology Inc. DS39597B-page 39 PIC16F72 8.2 Compare Mode In Compare mode, the 16-bit CCPR1 register value is constantly compared against the TMR1 register pair value. When a match occurs, the RC2/CCP1 pin is: • Driven High • Driven Low • Remains Unchanged The action on the pin is based on the value of control bits CCP1M3:CCP1M0 (CCP1CON<3:0>). At the same time, interrupt flag bit CCP1IF is set. The output may become inverted when the mode of the module is changed from Compare/Clear on Match (CCPxM<3:0> = ‘1001’) to Compare/Set on Match (CCPxM<3:0> = ‘1000’). This may occur as a result of any operation that selectively clears bit CCPxM0, such as a BCF instruction. When this condition occurs, the output becomes inverted when the instruction is executed. It will remain inverted for all following Compare operations, until the module is reset. FIGURE 8-2: COMPARE MODE OPERATION BLOCK DIAGRAM 8.2.1 CCP PIN CONFIGURATION The user must configure the RC2/CCP1 pin as an output by clearing the TRISC<2> bit. 8.2.2 TIMER1 MODE SELECTION Timer1 must be running in Timer mode or Synchro- nized Counter mode, if the CCP module is using the compare feature. In Asynchronous Counter mode, the compare operation may not work. 8.2.3 SOFTWARE INTERRUPT MODE When generate software interrupt is chosen, the CCP1 pin is not affected. Only a CCP interrupt is generated (if enabled). 8.2.4 SPECIAL EVENT TRIGGER In this mode, an internal hardware trigger is generated that may be used to initiate an action. The special event trigger output of CCP1 resets the TMR1 register pair. This allows the CCPR1 register to effectively be a 16-bit programmable period register for Timer1. The special trigger output of CCP1 resets the TMR1 register pair, and starts an A/D conversion (if the A/D module is enabled). CCPR1H CCPR1L TMR1H TMR1L Comparator QS R Output Logic Special Event Trigger Set Flag bit CCP1IF (PIR1<2>) Match RC2/CCP1 TRISC<2> CCP1CON<3:0> Mode Select Output Enable pin Special event trigger will: • RESET Timer1, but not set interrupt flag bit TMR1IF (PIR1<0>) • Set bit GO/DONE (ADCON0<2>) bit, which starts an A/D conversion Note: Clearing the CCP1CON register will force the RC2/CCP1 compare output latch to the default low level. This is not the data latch. Note: The special event trigger from the CCP1 module will not set interrupt flag bit TMR1IF (PIR1<0>). |