| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F72/SO Fiches technique(PDF) 25 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F72/SO Fiches technique(HTML) 25 Page - Microchip Technology |
|
25 / 136 page ![]() 2002 Microchip Technology Inc. DS39597B-page 23 PIC16F72 3.2 PORTB and the TRISB Register PORTB is an 8-bit wide, bi-directional port. The corre- sponding data direction register is TRISB. Setting a TRISB bit (= 1) will make the corresponding PORTB pin an input (i.e., put the corresponding output driver in a Hi-Impedance mode). Clearing a TRISB bit (= 0) will make the corresponding PORTB pin an output (i.e., put the contents of the output latch on the selected pin). EXAMPLE 3-2: INITIALIZING PORTB Each of the PORTB pins has a weak internal pull-up. A single control bit can turn on all the pull-ups. This is per- formed by clearing bit RBPU (OPTION<7>). The weak pull-up is automatically turned off when the port pin is configured as an output. The pull-ups are disabled on a Power-on Reset. FIGURE 3-3: BLOCK DIAGRAM OF RB3:RB0 PINS Four of PORTB’s pins, RB7:RB4, have an interrupt-on- change feature. Only pins configured as inputs can cause this interrupt to occur (i.e., any RB7:RB4 pin configured as an output is excluded from the interrupt on change comparison). The input pins (of RB7:RB4) are compared with the old value latched on the last read of PORTB. The “mismatch” outputs of RB7:RB4 are OR’d together to generate the RB Port Change Interrupt with flag bit RBIF (INTCON<0>). This interrupt can wake the device from SLEEP. The user, in the Interrupt Service Routine, can clear the interrupt in the following manner: a) Any read or write of PORTB. This will end the mismatch condition. b) Clear flag bit RBIF. A mismatch condition will continue to set flag bit RBIF. Reading PORTB will end the mismatch condition and allow flag bit RBIF to be cleared. The interrupt-on-change feature is recommended for wake-up on key depression operation and operations where PORTB is only used for the interrupt-on-change feature. Polling of PORTB is not recommended while using the interrupt-on-change feature. This interrupt-on-mismatch feature, together with soft- ware configurable pull-ups on these four pins, allow easy interface to a keypad and make it possible for wake-up on key depression. Refer to the Embedded Control Handbook, “Implementing Wake-Up on Key Stroke” (AN552). RB0/INT is an external interrupt input pin and is configured using the INTEDG bit (OPTION<6>). FIGURE 3-4: BLOCK DIAGRAM OF RB7:RB4 PINS BANKSEL PORTB ; Select bank for PORTB CLRF PORTB ; Initialize PORTB by ; clearing output ; data latches BANKSEL TRISB ; Select Bank for TRISB MOVLW 0xCF ; Value used to ; initialize data ; direction MOVWF TRISB ; Set RB<3:0> as inputs ; RB<5:4> as outputs ; RB<7:6> as inputs Data Latch RBPU(1) P VDD Q D CK Q D CK QD EN Data WR WR RD TRIS RD Port Weak Pull-up RD Port RB0/INT I/O pin TTL Input Buffer Note 1: To enable weak pull-ups, set the appropriate TRIS bit(s) Schmitt Trigger Buffer TRIS Latch VDD VSS and clear the RBPU bit (OPTION<7>). Bus Port TRIS Data Latch From Other RBPU(1) P VDD I/O pin Q D CK Q D CK QD EN QD EN Data WR WR Set RBIF TRIS Latch RD TRIS RD Port RB7:RB4 Pins Weak Pull-up RD Port Latch TTL Input Buffer Note 1: To enable weak pull-ups, set the appropriate TRIS bit(s) ST Buffer RB7:RB6 in Serial Programming Mode Q3 Q1 VDD VSS and clear the RBPU bit (OPTION<7>). Bus Port TRIS |