| Moteur de recherche de fiches techniques de composants électroniques |
|
LMV772MA/NOPB Fiches technique(PDF) 23 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LMV772MA/NOPB Fiches technique(HTML) 23 Page - Texas Instruments |
|
23 / 34 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 1-Nov-2015 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LMV771MG NRND SC70 DCK 5 1000 TBD Call TI Call TI -40 to 125 A75 LMV771MG/NOPB ACTIVE SC70 DCK 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 A75 LMV771MGX/NOPB ACTIVE SC70 DCK 5 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 A75 LMV772MA/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LMV7 72MA LMV772MAX NRND SOIC D 8 TBD Call TI Call TI -40 to 125 LMV7 72MA LMV772MAX/NOPB ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LMV7 72MA LMV772MM NRND VSSOP DGK 8 TBD Call TI Call TI -40 to 125 A91A LMV772MM/NOPB ACTIVE VSSOP DGK 8 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 A91A LMV772MMX/NOPB ACTIVE VSSOP DGK 8 3500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 A91A LMV772QMM/NOPB ACTIVE VSSOP DGK 8 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 AJ7A LMV772QMMX/NOPB ACTIVE VSSOP DGK 8 3500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 AJ7A LMV774MT/NOPB ACTIVE TSSOP PW 14 94 Green (RoHS & no Sb/Br) CU NIPDAU | CU SN Level-1-260C-UNLIM -40 to 125 LMV77 4MT LMV774MTX/NOPB ACTIVE TSSOP PW 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU | CU SN Level-1-260C-UNLIM -40 to 125 LMV77 4MT (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. |