Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMV772MA/NOPB Fiches technique(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
No de pièce LMV772MA/NOPB
Description  Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LMV772MA/NOPB Fiches technique(HTML) 26 Page - Texas Instruments

Back Button LMV772MA/NOPB Datasheet HTML 22Page - Texas Instruments LMV772MA/NOPB Datasheet HTML 23Page - Texas Instruments LMV772MA/NOPB Datasheet HTML 24Page - Texas Instruments LMV772MA/NOPB Datasheet HTML 25Page - Texas Instruments LMV772MA/NOPB Datasheet HTML 26Page - Texas Instruments LMV772MA/NOPB Datasheet HTML 27Page - Texas Instruments LMV772MA/NOPB Datasheet HTML 28Page - Texas Instruments LMV772MA/NOPB Datasheet HTML 29Page - Texas Instruments LMV772MA/NOPB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LMV771MG
SC70
DCK
5
1000
210.0
185.0
35.0
LMV771MG/NOPB
SC70
DCK
5
1000
210.0
185.0
35.0
LMV771MGX/NOPB
SC70
DCK
5
3000
210.0
185.0
35.0
LMV772MAX/NOPB
SOIC
D
8
2500
367.0
367.0
35.0
LMV772MM/NOPB
VSSOP
DGK
8
1000
210.0
185.0
35.0
LMV772MMX/NOPB
VSSOP
DGK
8
3500
367.0
367.0
35.0
LMV772QMM/NOPB
VSSOP
DGK
8
1000
210.0
185.0
35.0
LMV772QMMX/NOPB
VSSOP
DGK
8
3500
367.0
367.0
35.0
LMV774MTX/NOPB
TSSOP
PW
14
2500
367.0
367.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
6-Nov-2015
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34