Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KAI-08050 Fiches technique(PDF) 23 Page - ON Semiconductor

No de pièce KAI-08050
Description  Interline CCD Image Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-08050 Fiches technique(HTML) 23 Page - ON Semiconductor

Back Button KAI-08050 Datasheet HTML 19Page - ON Semiconductor KAI-08050 Datasheet HTML 20Page - ON Semiconductor KAI-08050 Datasheet HTML 21Page - ON Semiconductor KAI-08050 Datasheet HTML 22Page - ON Semiconductor KAI-08050 Datasheet HTML 23Page - ON Semiconductor KAI-08050 Datasheet HTML 24Page - ON Semiconductor KAI-08050 Datasheet HTML 25Page - ON Semiconductor KAI-08050 Datasheet HTML 26Page - ON Semiconductor KAI-08050 Datasheet HTML 27Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
KAI−08050
www.onsemi.com
23
TIMING
Table 18. REQUIREMENTS AND CHARACTERISTICS
Description
Symbol
Minimum
Nominal
Maximum
Units
Notes
Photodiode Transfer
tpd
1.0
−
−
ms
VCCD Leading Pedestal
t3p
4.0
−
−
ms
VCCD Trailing Pedestal
t3d
4.0
−
−
ms
VCCD Transfer Delay
td
1.0
−
−
ms
VCCD Transfer
tv
2.0
−
−
ms
VCCD Clock Cross−over
vVCR
75
100
%
VCCD Rise, Fall Times
tVR, tVF
5
−
10
%
2, 3
HCCD Delay
ths
0.2
−
−
ms
HCCD Transfer
te
25.0
−
−
ns
Shutter Transfer
tsub
1.0
−
−
ms
Shutter Delay
thd
1.0
−
−
ms
Reset Pulse
tr
2.5
−
−
ns
Reset – Video Delay
trv
−
2.2
−
ns
H2SL – Video Delay
thv
−
3.1
−
ns
Line Time
tline
45.5
−
−
ms
Dual HCCD Readout
87.6
−
−
Single HCCD Readout
Frame Time
tframe
57.4
−
−
ms
Quad HCCD Readout
114.8
−
−
Dual HCCD Readout
220.7
−
−
Single HCCD Readout
1. Refer to timing diagrams as shown in Figures 20, 21, 22, 23 and 24.
2. Refer to Figure 24: VCCD Clock Edge Alignment
3. Relative to the pulse width



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31