| Moteur de recherche de fiches techniques de composants électroniques |
|
KAF-8300 Fiches technique(PDF) 3 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
KAF-8300 Fiches technique(HTML) 3 Page - ON Semiconductor |
|
3 / 28 page ![]() KAF−8300 www.onsemi.com 3 DEVICE DESCRIPTION Architecture Figure 2. Block Diagram (Color) B B R R GR GR GR GR GB Last Hccd Phase: H1 3326 Active Pixels (typical active line format) Last Vccd Phase: V2 16 Active Buffer 4 Blue Pixel Buffer 8 Dark Dummy 39 Dark 6 Dark Dummy 3 Dummy 1 Active (CTE Monitor) H1 H2 16 Active Buffer 4 Blue Pixel Buffer 5 Dark Dummy 5 Dummy 1 Active (CTE Monitor) 8 Dummy 4 Virtual Dummy Column 2 Dummy OG SUB VOUT RG RD H1L VDD VSS V1 V2 1 Active (CTE Monitor) 16 Active Buffer 4 Blue Pixel Buffer 3 Dark Dummy LODT LODB 16 Active Buffer 4 Blue Pixel Buffer 8 Dark Dummy 12 Dark 6 Dark Dummy Active Image Area 3326 (H) X 2504 (V) Effective Image Area 3358 (H) X 2536 (V) 5.4 microns X 5.4 microns 4:3 Aspect Ratio |