Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KAF-8300 Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce KAF-8300
Description  Full Frame CCD Image Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAF-8300 Fiches technique(HTML) 2 Page - ON Semiconductor

  KAF-8300 Datasheet HTML 1Page - ON Semiconductor KAF-8300 Datasheet HTML 2Page - ON Semiconductor KAF-8300 Datasheet HTML 3Page - ON Semiconductor KAF-8300 Datasheet HTML 4Page - ON Semiconductor KAF-8300 Datasheet HTML 5Page - ON Semiconductor KAF-8300 Datasheet HTML 6Page - ON Semiconductor KAF-8300 Datasheet HTML 7Page - ON Semiconductor KAF-8300 Datasheet HTML 8Page - ON Semiconductor KAF-8300 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
KAF−8300
www.onsemi.com
2
The sensor utilizes the TRUESENSE Transparent Gate Electrode to
improve sensitivity compared to the use of a standard front side
illuminated polysilicon electrode.
ORDERING INFORMATION
Table 2. ORDERING INFORMATION − KAF−8300 IMAGE SENSOR
Part Number
Description
Marking Code
KAF−8300−AAB−CB−AA
Monochrome, No Microlens, CERDIP Package (Sidebrazed),
Clear Cover Glass (No Coatings), Standard Grade
KAF−8300XE
Serial Number
KAF−8300−AAB−CB−AE
Monochrome, No Microlens, CERDIP Package (Sidebrazed),
Clear Cover Glass (No Coatings), Engineering Grade
KAF−8300−AXC−CB−AA
Monochrome, Microlens, CERDIP Package (Sidebrazed),
Clear Cover Glass (No Coatings), Standard Grade
KAF−8300−AXC
Serial Number
KAF−8300−AXC−CB−AE
Monochrome, Microlens, CERDIP Package (Sidebrazed),
Clear Cover Glass (No Coatings), Engineering Grade
KAF−8300−AXC−CP−AA
Monochrome, Microlens, CERDIP Package (Sidebrazed),
Taped Clear Cover Glass (No Coatings), Standard Grade
KAF−8300−AXC−CP−AE
Monochrome, Microlens, CERDIP Package (Sidebrazed),
Taped Clear Cover Glass (No Coatings), Engineering Grade
KAF−8300−AXC−CD−AA
Monochrome, Microlens, CERDIP Package (Sidebrazed),
Clear Cover Glass with AR Coatings (Both Sides), Standard Grade
KAF−8300−AXC−CD−AE
Monochrome, Microlens, CERDIP Package (Sidebrazed),
Clear Cover Glass with AR Coatings (Both Sides), Engineering Grade
KAF−8300−CXB−CB−AA−Offset
Color (Bayer RGB), Special Microlens, CERDIP Package (Sidebrazed),
Clear Cover Glass (No Coatings), Standard Grade, Offset
KAF−8300CE
Serial Number
KAF−8300−CXB−CB−AE−Offset
Color (Bayer RGB), Special Microlens, CERDIP Package (Sidebrazed),
Clear Cover Glass (No Coatings), Engineering Grade, Offset
Table 3. ORDERING INFORMATION − EVALUATION SUPPORT
Part Number
Description
KAF−8300−12−28−A−EVK
Evaluation Board (Complete Kit)
See the ON Semiconductor Device Nomenclature document (TND310/D) for a full description of the naming convention
used for image sensors. For reference documentation, including information on evaluation kits, please visit our web site at
www.onsemi.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28