Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS0260CSSC28SUD20 Fiches technique(PDF) 72 Page - ON Semiconductor

No de pièce AS0260CSSC28SUD20
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260CSSC28SUD20 Fiches technique(HTML) 72 Page - ON Semiconductor

Back Button AS0260CSSC28SUD20 Datasheet HTML 68Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 69Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 70Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 71Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 72Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 73Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 74Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 75Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 76Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
72
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
Chief Ray Angle
Table 19:
Chief Ray Angle Characteristics
Image Height
CRA
(%)
(mm)
(deg)
00
0
5
0.077
2.54
10
0.154
5.04
15
0.231
7.52
20
0.308
9.98
25
0.386
12.40
30
0.463
14.76
35
0.540
17.02
40
0.617
19.15
45
0.694
21.12
50
0.771
22.89
55
0.848
24.45
60
0.925
25.78
65
1.002
26.87
70
1.079
27.70
75
1.157
28.28
80
1.234
28.61
85
1.311
28.66
90
1.388
28.43
95
1.465
27.88
100
1.542
26.95
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
0
102030405060708090
100
110
Image Height (%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83