Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS0260CSSC28SUD20 Fiches technique(PDF) 45 Page - ON Semiconductor

No de pièce AS0260CSSC28SUD20
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260CSSC28SUD20 Fiches technique(HTML) 45 Page - ON Semiconductor

Back Button AS0260CSSC28SUD20 Datasheet HTML 41Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 42Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 43Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 44Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 45Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 46Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 47Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 48Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 49Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
45
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
MJPEG Format
The AS0260 supports an MJPEG formatted data output stream. The descriptions
following are based on what the SOC will deliver to a host USB bridge device with which
the SOC would be combined to form a camera for PC applications. The USB Bridge host
is responsible for assembling the individual frames from the SOC into a USB Video Class
(UVC) video data stream.
Stream Breakdown
An MJPEG video stream consists of the following sequence of data sections. Each JPEG
frame must have the following characteristics:
•Color Encoding is YCbCr
• 8 bits per color component, (24 bits/pixel before subsampling)
• 422 Subsampling
• Baseline sequential DCT (SOF0)
Video Stream Header
This section of the video stream is not implemented in the AS0260. The content of this
section is determined by the host.
MJPEG Frame Header
This section of the video stream is not implemented in the AS0260. The content of this
section is determined by the host. This section is just 8 bytes of information at the start
of each frame. The first 4 bytes are:
0x30 0x30 0x64 0x62 # 00db
The next 4 bytes are the length of the following JPEG frame including all the bytes
described in sections 3.3 - 3.5. The 4 byte count value is output LSB first. For example, if
the JPEG data was 0x0002_51dc bytes long, the last 4 bytes in the MJPEG frame header
would be:
0xdc, 0x51, 0x02, 0x00
Since this field contains the byte count of the compressed JPEG data, it cannot be added
by the AS0260, but must be added by the host after frame compression is complete and
the byte count known.
JPEG Header Without Huffman Tables
This is a normal JPEG header except for the fact that the DHT segment (Define Huffman
Table) is not included. The Huffman table is not included because the MJPEG spec
defines the Huffman table to be fixed for all frames. The header segments that will be
included are listed below including examples. Note that data values in the examples are
in hex. Comments are in decimal.
• SOI, Start of Image. 2 bytes.
ff d8
• APP0, Application Segment 0. N bytes. Example JFIF marker:
ff e0 00 10
4a 46 49 46 00 01 02 00 00 01 00 01 00 00
• DQT, Define Quantization Tables. 134 bytes. Example:
ff db 00 84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83