Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BSL296SN Fiches technique(PDF) 2 Page - Infineon Technologies AG

No de pièce BSL296SN
Description  Enhancement mode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSL296SN Fiches technique(HTML) 2 Page - Infineon Technologies AG

  BSL296SN Datasheet HTML 1Page - Infineon Technologies AG BSL296SN Datasheet HTML 2Page - Infineon Technologies AG BSL296SN Datasheet HTML 3Page - Infineon Technologies AG BSL296SN Datasheet HTML 4Page - Infineon Technologies AG BSL296SN Datasheet HTML 5Page - Infineon Technologies AG BSL296SN Datasheet HTML 6Page - Infineon Technologies AG BSL296SN Datasheet HTML 7Page - Infineon Technologies AG BSL296SN Datasheet HTML 8Page - Infineon Technologies AG BSL296SN Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
BSL296SN
OptiMOS
Small-Signal-Transistor
Features
• N-channel
• Enhancement mode
• Logic level (4.5V rated)
• Avalanche rated
• Qualified according to AEC Q101
• RoHS compliant
• Halogen-free according to IEC61249-2-21
Maximum ratings,
at T j=25 °C, unless otherwise specified
PG-TSOP6
VDS
100
V
RDS(on),max
VGS=10 V
460
m
Ω
VGS=4.5 V
560
ID
1.4
A
Product Summary
Type
Package
Tape and Reel Info
Marking
Halogen Free
Packing
BSL296SN
TSOP6
H6327: 3000 pcs/ reel
sLZ
Yes
Non dry
1
2
3
4
5
6
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
T A=25 °C
1.4
A
T A=70 °C
1.1
Pulsed drain current
I D,pulse
T A=25 °C
5.6
Avalanche energy, single pulse
E AS
I D=1.4 A, R GS=25 Ω
15.0
mJ
Reverse diode dv /dt
dv /dt
I D=1.4 A, V DS=50 V,
di /dt =200 A/µs,
T j,max=150 °C
6
kV/µs
Gate source voltage
V GS
±20
V
Power dissipation
1)
P tot
T A=25 °C
W
Operating and storage temperature
T j, T stg
-55 ... 150
°C
ESD Class
JESD22-A114 -HBM
0 (<250V)
Soldering Temperature
260 °C
IEC climatic category; DIN IEC 68-1
55/150/56
Value
2.0
Rev 2.0
page 1
2014-10-16



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com