Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16LC620-04/SS Fiches technique(PDF) 2 Page - Microchip Technology

No de pièce PIC16LC620-04/SS
Description  EPROM-Based 8-Bit CMOS Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC620-04/SS Fiches technique(HTML) 2 Page - Microchip Technology

  PIC16LC620-04/SS Datasheet HTML 1Page - Microchip Technology PIC16LC620-04/SS Datasheet HTML 2Page - Microchip Technology PIC16LC620-04/SS Datasheet HTML 3Page - Microchip Technology PIC16LC620-04/SS Datasheet HTML 4Page - Microchip Technology PIC16LC620-04/SS Datasheet HTML 5Page - Microchip Technology PIC16LC620-04/SS Datasheet HTML 6Page - Microchip Technology PIC16LC620-04/SS Datasheet HTML 7Page - Microchip Technology PIC16LC620-04/SS Datasheet HTML 8Page - Microchip Technology PIC16LC620-04/SS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 108 page
background image
PIC16C62X
DS30235G-page 2
Preliminary
© 1998 Microchip Technology Inc.
Device Differences
Note 1: If you change from this device to another device, please verify oscillator characteristics in your application.
Device
Voltage
Range
Oscillator
Process
Technology
(Microns)
PIC16C620
2.5 - 6.0
See Note 1
0.9
PIC16C621
2.5 - 6.0
See Note 1
0.9
PIC16C622
2.5 - 6.0
See Note 1
0.9
PIC16C620A
2.5 - 5.5
See Note 1
0.7
PIC16CR620A
2.0 - 5.5
See Note 1
0.7
PIC16C621A
2.5 - 5.5
See Note 1
0.7
PIC16C622A
2.5 - 5.5
See Note 1
0.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More