Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16LC620-04/SS Fiches technique(PDF) 26 Page - Microchip Technology

No de pièce PIC16LC620-04/SS
Description  EPROM-Based 8-Bit CMOS Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC620-04/SS Fiches technique(HTML) 26 Page - Microchip Technology

Back Button PIC16LC620-04/SS Datasheet HTML 22Page - Microchip Technology PIC16LC620-04/SS Datasheet HTML 23Page - Microchip Technology PIC16LC620-04/SS Datasheet HTML 24Page - Microchip Technology PIC16LC620-04/SS Datasheet HTML 25Page - Microchip Technology PIC16LC620-04/SS Datasheet HTML 26Page - Microchip Technology PIC16LC620-04/SS Datasheet HTML 27Page - Microchip Technology PIC16LC620-04/SS Datasheet HTML 28Page - Microchip Technology PIC16LC620-04/SS Datasheet HTML 29Page - Microchip Technology PIC16LC620-04/SS Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 108 page
background image
PIC16C62X
DS30235G-page 26
Preliminary
© 1998 Microchip Technology Inc.
FIGURE 5-3:
BLOCK DIAGRAM OF RA3 PIN
FIGURE 5-4:
BLOCK DIAGRAM OF RA4 PIN
Data
bus
Q
D
Q
CK
P
N
WR
PortA
WR
TRISA
Data Latch
TRIS Latch
RD TRISA
RD PORTA
Analog
VSS
VDD
RA3 Pin
Q
D
Q
CK
D
Q
EN
To Comparator
Schmitt Trigger
Input Buffer
Input Mode
Comparator Output
Comparator Mode = 110
Note:
I/O pins have protection diodes to VDD and VSS
Data
bus
Q
D
Q
CK
N
WR
PortA
WR
TRISA
Data Latch
TRIS Latch
RD TRISA
RD PORTA
VSS
RA4 Pin
Q
D
Q
CK
D
Q
EN
TMR0 Clock Input
Schmitt Trigger
Input Buffer
Comparator Output
Comparator Mode = 110
Note:
RA4 has protection diodes to VSS only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More