| Moteur de recherche de fiches techniques de composants électroniques |
|
TC835 Fiches technique(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC835 Fiches technique(HTML) 2 Page - Microchip Technology |
|
2 / 24 page ![]() TC835 DS21478B-page 2 © 2002 Microchip Technology Inc. Package Type NOTES: 1. NC = No internal connection. 2. Pins 9, 25, 40 and 56 are connected to the die substrate. The potential at these pins is approximately V+. No external connections should be made. 64-Pin PQFP 63 4 3 2 1 16 15 14 10 9 8 7 6 5 12 11 40 41 42 43 44 45 46 34 35 36 37 38 39 48 33 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 61 60 59 58 57 56 55 54 53 52 51 50 49 64 TC835CBU 32 62 13 47 NC NC NC NC NC NC NC NC OVERRANGE UNDERRANGE SUB V– REF IN ANALOG COM NC NC D3 NC NC NC NC D4 B3 B4 B2 SUB B1 D5 NC NC NC NC TC835CPI 28-Pin PDIP 1 2 3 4 RUN/HOLD 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 STROBE OVERRANGE B4 D3 D2 D1 (LSD) BUSY CLOCK IN POLARITY DIGTAL GND UNDERRANGE B2 (LSB) B1 (MSD) D5 V+ +INPUT –INPUT CREF+ CREF- BUFF OUT AZ IN INT OUT ANALOG COM REF IN V- D4 B8 (MSD) 27 28 29 30 31 32 33 7 4 3 2 1 TC835CKW 12 13 14 15 17 18 44 43 42 41 39 38 40 16 37 36 35 34 19 20 21 22 26 8 25 9 24 10 23 11 5 6 NC NC DGND POLARITY D2 NC NC CLK IN NC INT OUT AZ IN BUFF OUT REF CAP– –INPUT +INPUT V+ NC NC REF CAP+ D1 (LSD) BUSY RUN/HOLD 44-Pin PQFP |