Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC835 Fiches technique(PDF) 18 Page - Microchip Technology

No de pièce TC835
Description  Personal Computer Data Acquisition A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC835 Fiches technique(HTML) 18 Page - Microchip Technology

Back Button TC835 Datasheet HTML 14Page - Microchip Technology TC835 Datasheet HTML 15Page - Microchip Technology TC835 Datasheet HTML 16Page - Microchip Technology TC835 Datasheet HTML 17Page - Microchip Technology TC835 Datasheet HTML 18Page - Microchip Technology TC835 Datasheet HTML 19Page - Microchip Technology TC835 Datasheet HTML 20Page - Microchip Technology TC835 Datasheet HTML 21Page - Microchip Technology TC835 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
TC835
DS21478B-page 18
© 2002 Microchip Technology Inc.
7.3
Package Dimensions
1.465 (37.21)
1.435 (36.45)
.022 (0.56)
.015 (0.38)
.110 (2.79)
.090 (2.29)
.150 (3.81)
.115 (2.92)
.070 (1.78)
.045 (1.14)
.555 (14.10)
.530 (13.46)
.200 (5.08)
.140 (3.56)
.015 (0.38)
.008 (0.20)
.700 (17.78)
.610 (15.50)
.610 (15.49)
.590 (14.99)
.040 (1.02)
.020 (0.51)
28-Pin PDIP (Wide)
PIN 1
3
˚MIN.
Dimensions: inches (mm)
.557 (14.15)
.537 (13.65)
.398 (10.10)
.390 (9.90)
.031 (0.80) TYP.
.018 (0.45)
.012 (0.30)
.398 (10.10)
.390 (9.90)
.010 (0.25) TYP.
.096 (2.45) MAX.
.557 (14.15)
.537 (13.65)
.083 (2.10)
.075 (1.90)
.041 (1.03)
.026 (0.65)
7
˚MAX.
.009 (0.23)
.005 (0.13)
44-Pin PQFP
PIN 1
Dimensions: inches (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24