Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74 Fiches technique(PDF) 10 Page - Microchip Technology

No de pièce TC74
Description  Tiny Serial Digital Thermal Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC74 Fiches technique(HTML) 10 Page - Microchip Technology

Back Button TC74 Datasheet HTML 6Page - Microchip Technology TC74 Datasheet HTML 7Page - Microchip Technology TC74 Datasheet HTML 8Page - Microchip Technology TC74 Datasheet HTML 9Page - Microchip Technology TC74 Datasheet HTML 10Page - Microchip Technology TC74 Datasheet HTML 11Page - Microchip Technology TC74 Datasheet HTML 12Page - Microchip Technology TC74 Datasheet HTML 13Page - Microchip Technology TC74 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TC74
DS21462B-page 10
© 2002 Microchip Technology Inc.
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
1 & 2 = part number code + temperature range and
voltage
3 = year and quarter code
4 = lot ID number
TABLE 5-1:
PACKAGE MARKING CODES
SOT-23
12
3
4
TC74 (V)
Code
TC74A0-3.3VCT
V0
TC74A1-3.3VCT
V1
TC74A2-3.3VCT
V2
TC74A3-3.3VCT
V3
TC74A4-3.3VCT
V4
TC74A5-3.3VCT
V5
TC74A6-3.3VCT
V6
TC74A7-3.3VCT
V7
TC74A0-5.0VCT
U0
TC74A1-5.0VCT
U1
TC74A2-5.0VCT
U2
TC74A3-5.0VCT
U3
TC74A4-5.0VCT
U4
TC74A5-5.0VCT
U5
TC74A6-5.0VCT
U6
TC74A7-5.0VCT
U7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16