Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74 Fiches technique(PDF) 5 Page - Microchip Technology

No de pièce TC74
Description  Tiny Serial Digital Thermal Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC74 Fiches technique(HTML) 5 Page - Microchip Technology

  TC74 Datasheet HTML 1Page - Microchip Technology TC74 Datasheet HTML 2Page - Microchip Technology TC74 Datasheet HTML 3Page - Microchip Technology TC74 Datasheet HTML 4Page - Microchip Technology TC74 Datasheet HTML 5Page - Microchip Technology TC74 Datasheet HTML 6Page - Microchip Technology TC74 Datasheet HTML 7Page - Microchip Technology TC74 Datasheet HTML 8Page - Microchip Technology TC74 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© 2002 Microchip Technology Inc.
DS21462B-page 5
TC74
2.0
PIN DESCRIPTIONS
Thedescriptionsof the pins arelistedinTable2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin Number
(5-Pin SOT-23)
Pin Number
(5-Pin TO-220)
Symbol
Type
Description
1
1
NC
None
No Internal Connection.
2
3
GND
Power
System Ground
35
VDD
Power
Power Supply Input
4
4
SCLK
Input
SMBus Serial Clock
5
2
SDA
Bi-directional
SMBus Serial Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16